Part Number Hot Search : 
MMUN2238 ADV3203 20935333 14IRZ D15XB BTA08 5KP11A OPB685
Product Description
Full Text Search
 

To Download MUR10005CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m ur 1 0 0 0 5 c t thru m u r 10 0 6 0 c t 10 0 a mp s u p r e f a s t r ec o v e r y rectifier 50 to 6 00 v o lts features ? o pe r ating t e m pe r atu r e: - 65 c to +1 7 5 c ? sto r age t e m pe r atu r e: - 65 c to +1 7 5 c mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage m u r 1 0 0 0 5 c t 50v 35v 50v m ur 10 01 0 ct 100v 70v 100v mu r 10 0 2 0 ct 200v 40v 200v mu r 10 0 40 c t 400v 280v 400v m u r 1 0 06 0 c t 600v 420v 600v www. mccsemi .com average forward current i f(av) 10 0 a t l = 1 4 0 c peak f o r w a r d su r ge cu r r ent i fsm 4 0 0a 8.3 m s , half s i ne ma x i m um in s tantaneous forward voltage v f i fm = 5 0 .0 a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 25 a t a = 25 c m ax i mum rat i n gs ? high su r ge capability ? low leakage ? low forward voltage drop ? high current capability ? s u p r e f as t s w i t c h in g f o r h i g h e ff i c i e n cy 1 . 3 5 v 1 . 1 0 v 10 04 0 - 1 00 60 1 0 0 0 5 - 1 0 0 20 e lect r ical cha r acte r istics @ 2 5 c u nless o t he r w ise s p ecified t y pi c a l j un c tion capa c itan c e c j 2 4 0pf mea s u r ed at 1.0mh z , v r =4.0v maximum reverse recovery time 10 00 5 - 10 0 20 10 0 4 0 - 1 0 0 60 t rr 5 0ns 75 ns i f =0.5a, i r =1.0a, i r r =0.25a *pul s e t e s t: pul s e w i dth 30 0 s e c, d u t y c y c l e 1 % dimensions inch es mm dim min max min max note b 1 .565 1.585 39.75 40.26 a 3.150 nom 80.01 nom c . 7 0 0 . 800 1 7 . 7 8 2 0 . 32 e . 119 . 132 3 . 02 3 . 35 g 3 . 5 5 3 . 65 90.17 92.71 f 1 . 3 75 r e f 34 . 9 2 re f h . 590 . 620 1 4 . 9 9 1 5 . 7 5 j 1 / 4 - u n f f u ll k . 380 . 4 1 0 9 . 6 5 1 0 . 4 1 f u ll p a c k ? a b c d e f g h j k l m l .185 .195 4.70 4.95 l . 2 75 .295 6.99 7.49 ? ?         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    mcc ( datasheet : )
average forward rectified current - amperes versus ambient temperature - c f i gure 2 for w ard dera t i ng curve 0 175 50 75 100 125 0 2 0 4 0 6 0 single phase, half wave 60hz resistive or inductive load amps c 150 8 0 1 0 0 12 0 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 40 60 200 100 amps 0.6 0.8 1.0 1.2 1 .4 1.6 .1 .2 .4 .6 1 2 4 6 10 20 25 c volts figure 3 junction capacitance .1 .2 1.4 2 10 20 404 100 200 10 20 60 100 200 1000 pf volts 600 400 40 400 1000 t j =25 c mu r 1 0 00 5 c t thru mu r 1 0 0 60 c t www. mccsemi .com mcc 1 0 0 40 - 1 0 0 60 1 0 00 5 - 1 0 0 20
mu r 1 0 0 05 ct thru m u r 1 0 0 60 ct www. mccsemi .com mcc instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts figure 4 typical reverse characteristics volts 40 60 1 0 00 100 amps 20 120 40 60 80 100 .1 .2 .4 .6 1 2 4 6 10 2 5 t a = 25 c 20 00 4 0 00 5 000 140 t a = 1 25 c 1 100 4 0 5 0 1 00 2 00 8 f i gure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 3 00 4 00 5 00


▲Up To Search▲   

 
Price & Availability of MUR10005CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X